Part Number Hot Search : 
APL5336 100H64 KA3843 12S15 SR0660 1N4803 22320 C1501
Product Description
Full Text Search
 

To Download MABAES0054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Series 4:1 Transmission Line Transformer
5.00 - 1000.00 MHz
Functional Schematic
Features * * *
* Surface mount 4:1 Impedance CT on Secondary Available on Tape & Reel
Description
M/A Com's MABAES0054 is a 4:1 RF transmission line transformer in a low cost, surface mount package. Ideally suited for high volume applications.
Electrical Specifications @ 25C
Parameter Test Conditions Units Min. Typ. Max.
Frequency Range Insertion Loss
5-1000 5-50 MHz 50-879 MHz 879-1000 MHz 5-1000 MHz 5-500 MHz 500-1000 MHz
MHz dB dB dB dB Degrees Degrees
__ __
1.5 1.0 1.5 0.25 4.0 8.0
2.0 1.5 2.0 0.5 8.0 12.0
Amplitude Unbalance Phase Unbalance
Note: Specifications subject to change without notice.
1
E SERIES 4:1 Transmission Line Transformer
Insertion Loss
0 .0 -0 .5 -1 .0
MABAES0054
Secondary Insertion Loss
0 .0 -0 .5 -1 .0
dB
-1 .5 -2 .0 -2 .5 -3 .0 5 11 7 37 3 52 0 68 6 84 3 10 00
dB
-1 .5 -2 .0 -2 .5 -3 .0 5 17 1 3 37 50 2 66 8 8 34 10 0 0
F q e c (M z) re u n y H
F q en y(M z) re u c H
Amplitude Unbalance
0 .6 0 .4 0 .2
Phase Unbalance
200 195 190
0 .0
-0 .2 -0 .4 -0 .6 5 11 7 37 3 52 0 68 6 84 3 10 00
Degrees
185 180 175 170 165 160 5 171 337 502 668 834 1000
dB
F q e c (M z) re u n y H
Frequency(M z) H
V1.01
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
E SERIES 4:1 Transmission Line Transformer
MABAES0054
Recommended PCB Configuration
Pin Configuration
Pin No. Pin Name
Secondary Dot Secondary CT Secondary Primary Primary Dot Primary CT Case Ground Not Connected
1 2 3 4 5
-
Absolute Maximum Ratings
Parameter RF Power Peak IF Current Storage Temperature Operating Temperature Pin Temperature (10 Seconds) Absolute Maximum 250 mW 40 mA -40C to +85 C -40C to +85 C 260 C
V1.01
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3


▲Up To Search▲   

 
Price & Availability of MABAES0054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X